PART |
Description |
Maker |
K4R881869 K4R881869M K4R881869M-NCK8 K4R881869M-NB |
288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
|
Samsung Electronic SAMSUNG [Samsung semiconductor] SAMSUNG[Samsung semiconductor]
|
K4R571669D |
256/288Mbit RDRAM(D-die)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K4R881869D K4R571669D |
256/288Mbit RDRAM(D-die)
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
KM416RD8AC KM418RD2AC KM418RD2AD KM418RD2C KM418RD |
128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM 256K x 16 x 32s dependent banks direct RDRAM. Access time: 45 ns, speed: 711 Mbps(356 MHz). 256K x 18 x 32s dependent banks direct RDRAM. Access time: 45 ns, speed: 711 Mbps(356 MHz). 256K x 18 x 32s dependent banks direct RDRAM. Access time: 45 ns, speed: 800 Mbps(400 MHz).
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
TC55VL818FF-75 |
512K Word x 18 Bit Synchronous No-turnround Static RAM(512K 字x18位同步无转向静RAM)
|
Toshiba Corporation
|
89LV1632RPQK-30 |
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 512K X 32 MULTI DEVICE SRAM MODULE, 30 ns, CQFP68 16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 16兆位12k × 32的位)低压亿立方米的SRAM
|
Maxwell Technologies, Inc
|
AM29LV800BT90SCB AM29LV800BB70FIB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 512K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
29F040C-70 29F040C-90 29F040C-55 MX29F040CQI-70G M |
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 512K X 8 FLASH 5V PROM, 70 ns, PDSO32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 512K X 8 FLASH 5V PROM, 90 ns, PDIP32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 512K X 8 FLASH 5V PROM, 70 ns, PDIP32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 4分位[12k × 8] CMOS单电5V只等于部门闪
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
K6F8016V3A K6F8016V3A-F K6F8016V3A-TF55 K6F8016V3A |
512K X 16 STANDARD SRAM, 55 ns, PDSO44 From old datasheet system 512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|